| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC12F1822T-E/ML Fiches technique(PDF) 28 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F1822T-E/ML Fiches technique(HTML) 28 Page - Microchip Technology |
|
28 / 398 page ![]() TABLE 3-5: PIC12F/LF1822/16F/LF1823 MEMORY MAP, BANKS 16-23 Legend: = Unimplemented data memory locations, read as ‘0’ BANK16 BANK17 BANK18 BANK19 BANK20 BANK21 BANK22 BANK23 800h INDF0 880h INDF0 900h INDF0 980h INDF0 A00h INDF0 A80h INDF0 B00h INDF0 B80h INDF0 801h INDF1 881h INDF1 901h INDF1 981h INDF1 A01h INDF1 A81h INDF1 B01h INDF1 B81h INDF1 802h PCL 882h PCL 902h PCL 982h PCL A02h PCL A82h PCL B02h PCL B82h PCL 803h STATUS 883h STATUS 903h STATUS 983h STATUS A03h STATUS A83h STATUS B03h STATUS B83h STATUS 804h FSR0L 884h FSR0L 904h FSR0L 984h FSR0L A04h FSR0L A84h FSR0L B04h FSR0L B84h FSR0L 805h FSR0H 885h FSR0H 905h FSR0H 985h FSR0H A05h FSR0H A85h FSR0H B05h FSR0H B85h FSR0H 806h FSR1L 886h FSR1L 906h FSR1L 986h FSR1L A06h FSR1L A86h FSR1L B06h FSR1L B86h FSR1L 807h FSR1H 887h FSR1H 907h FSR1H 987h FSR1H A07h FSR1H A87h FSR1H B07h FSR1H B87h FSR1H 808h BSR 888h BSR 908h BSR 988h BSR A08h BSR A88h BSR B08h BSR B88h BSR 809h WREG 889h WREG 909h WREG 989h WREG A09h WREG A89h WREG B09h WREG B89h WREG 80Ah PCLATH 88Ah PCLATH 90Ah PCLATH 98Ah PCLATH A0Ah PCLATH A8Ah PCLATH B0Ah PCLATH B8Ah PCLATH 80Bh INTCON 88Bh INTCON 90Bh INTCON 98Bh INTCON A0Bh INTCON A8Bh INTCON B0Bh INTCON B8Bh INTCON 80Ch — 88Ch — 90Ch — 98Ch —A0Ch —A8Ch —B0Ch —B8Ch — 80Dh — 88Dh — 90Dh — 98Dh —A0Dh —A8Dh —B0Dh —B8Dh — 80Eh —88Eh —90Eh —98Eh —A0Eh —A8Eh —B0Eh —B8Eh — 80Fh —88Fh —90Fh —98Fh —A0Fh —A8Fh —B0Fh —B8Fh — 810h —890h —910h —990h —A10h —A90h —B10h —B90h — 811h —891h —911h —991h —A11h —A91h —B11h —B91h — 812h —892h —912h —992h —A12h —A92h —B12h —B92h — 813h —893h —913h —993h —A13h —A93h —B13h —B93h — 814h —894h —914h —994h —A14h —A94h —B14h —B94h — 815h —895h —915h —995h —A15h —A95h —B15h —B95h — 816h —896h —916h —996h —A16h —A96h —B16h —B96h — 817h —897h —917h —997h —A17h —A97h —B17h —B97h — 818h —898h —918h —998h —A18h —A98h —B18h —B98h — 819h —899h —919h —999h —A19h —A99h —B19h —B99h — 81Ah —89Ah —91Ah —99Ah —A1Ah —A9Ah —B1Ah —B9Ah — 81Bh —89Bh —91Bh —99Bh —A1Bh —A9Bh —B1Bh —B9Bh — 81Ch — 89Ch — 91Ch — 99Ch —A1Ch —A9Ch —B1Ch —B9Ch — 81Dh — 89Dh — 91Dh — 99Dh —A1Dh —A9Dh —B1Dh —B9Dh — 81Eh —89Eh —91Eh —99Eh —A1Eh —A9Eh —B1Eh —B9Eh — 81Fh —89Fh —91Fh —99Fh —A1Fh —A9Fh —B1Fh —B9Fh — 820h Unimplemented Read as ‘0’ 8A0h Unimplemented Read as ‘0’ 920h Unimplemented Read as ‘0’ 9A0h Unimplemented Read as ‘0’ A20h Unimplemented Read as ‘0’ AA0h Unimplemented Read as ‘0’ B20h Unimplemented Read as ‘0’ BA0h Unimplemented Read as ‘0’ 86Fh 8EFh 96Fh 9EFh A6Fh AEFh B6Fh BEFh 870h Accesses 70h – 7Fh 8F0h Accesses 70h – 7Fh 970h Accesses 70h – 7Fh 9F0h Accesses 70h – 7Fh A70h Accesses 70h – 7Fh AF0h Accesses 70h – 7Fh B70h Accesses 70h – 7Fh BF0h Accesses 70h – 7Fh 87Fh 8FFh 97Fh 9FFh A7Fh AFFh B7Fh BFFh |