Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

24LC32AXT-E/SM Fiches technique(PDF) 35 Page - Microchip Technology

No de pièce 24LC32AXT-E/SM
Description  32K I2C??Serial EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC32AXT-E/SM Fiches technique(HTML) 35 Page - Microchip Technology

Back Button 24LC32AXT-E/SM Datasheet HTML 31Page - Microchip Technology 24LC32AXT-E/SM Datasheet HTML 32Page - Microchip Technology 24LC32AXT-E/SM Datasheet HTML 33Page - Microchip Technology 24LC32AXT-E/SM Datasheet HTML 34Page - Microchip Technology 24LC32AXT-E/SM Datasheet HTML 35Page - Microchip Technology 24LC32AXT-E/SM Datasheet HTML 36Page - Microchip Technology 24LC32AXT-E/SM Datasheet HTML 37Page - Microchip Technology 24LC32AXT-E/SM Datasheet HTML 38Page - Microchip Technology 24LC32AXT-E/SM Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
 2010 Microchip Technology Inc.
DS21713L-page 35
24AA32A/24LC32A
APPENDIX A: REVISION HISTORY
Revision D
Corrections to Section 1.0, Electrical Characteristics.
Revision E
Added DFN package.
Revision F
Revised Sections 4.3, 7.2 and 7.4.
Revision G
Replaced 2x3 DFN (MC) Package
Revision H
Changed 1.8V to 1.7V; Revised Features Section;
Replaced
Package
Drawings;
Deleted
Rotated
TSSOP; Revised Product ID Section.
Revision J
Added TDFN and SOT-23 packages; Updated
Package Drawings; Moved Pin Descriptions to Section
2.0; Renumbered Sections.
Revision K (12/2009)
Added Chip Scale Package.
Revision L (03/2010)
Added X-Rotated TSSOP package; Updated Package
Drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42