| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP4822-E/P Fiches technique(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4822-E/P Fiches technique(HTML) 23 Page - Microchip Technology |
|
23 / 46 page ![]() 2010 Microchip Technology Inc. DS22249A-page 23 MCP4802/4812/4822 FIGURE 5-1: Write Command for MCP4822 (12-bit DAC). FIGURE 5-2: Write Command for MCP4812 (10-bit DAC). FIGURE 5-3: Write Command for MCP4802 (8-bit DAC). SDI SCK CS 0 2 1 A/B — GA SHDN D11 D10 config bits 12 data bits LDAC 3 4 D9 5 6 7 D8 D7 D6 8 9 10 12 D5 D4 D3 D2 D1 D0 11 13 14 15 VOUT (Mode 1,1) (Mode 0,0) SDI SCK CS 0 2 1 A/B — GA SHDN D9 D8 config bits 12 data bits LDAC 3 4 D7 5 6 7 D6 D5 D4 8 9 10 12 D3 D2 D1 D0 X X 11 13 14 15 VOUT (Mode 1,1) (Mode 0,0) Note: X = “don’t care” bits. SDI SCK CS 0 2 1 A/B — GA SHDN config bits 12 data bits LDAC 3 4 5 6 7 X D7 D6 8 9 10 12 D5 D4 D3 D2 D1 D0 11 13 14 15 VOUT (Mode 1,1) (Mode 0,0) XX X Note: X = “don’t care” bits. |