| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F526-E/P Fiches technique(PDF) 35 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F526-E/P Fiches technique(HTML) 35 Page - Microchip Technology |
|
35 / 122 page ![]() 2010 Microchip Technology Inc. DS41326D-page 35 PIC16F526 TABLE 6-2: SUMMARY OF PORT REGISTERS TABLE 6-3: I/O PINS ORDER OF PRECEDENCE Addr Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on Power-On Reset Value on All Other Resets N/A TRIS — — I/O Control Register (PORTB, PORTC) --11 1111 --11 1111 N/A OPTION RBWU RBPU TOCS TOSE PSA PS2 PS1 PS0 1111 1111 1111 1111 03h STATUS RBWUF CWUF PA0 TO PD Z DC C 0001 1xxx qq0q quuu(1) 06h PORTB — — RB5 RB4 RB3 RB2 RB1 RB0 --xx xxxx --uu uuuu 07h PORTC — — RC5 RC4 RC3 RC2 RC1 RC0 --xx xxxx --uu uuuu Legend: Shaded cells are not used by PORT registers, read as ‘0’. – = unimplemented, read as ‘0’, x = unknown, u = unchanged, q = depends on condition. Note 1: If Reset was due to wake-up on pin change, then bit 7 = 1. All other Resets will cause bit 7 = 0. Priority RB0 RB1 RB2 RB3 RC0 RC1 RC2 RC4 RC5 1 AN0 AN1 AN2 RB3/MCLR C2IN+ C2IN- CVREF C2OUT T0CKI 2 C1IN+ C1IN- C1OUT — TRISC TRISC TRISC TRISC TRISC 3 TRISB TRISB TRISB — — — — — — |