| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F526-I/P Fiches technique(PDF) 36 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F526-I/P Fiches technique(HTML) 36 Page - Microchip Technology |
|
36 / 122 page ![]() PIC16F526 DS41326D-page 36 2010 Microchip Technology Inc. 6.5 I/O Programming Considerations 6.5.1 BIDIRECTIONAL I/O PORTS Some instructions operate internally as read followed by write operations. The BCF and BSF instructions, for example, read the entire port into the CPU, execute the bit operation and rewrite the result. Caution must be used when these instructions are applied to a port where one or more pins are used as input/outputs. For example, a BSF operation on bit 5 of PORTB will cause all eight bits of PORTB to be read into the CPU, bit 5 to be set and the PORTB value to be written to the output latches. If another bit of PORTB is used as a bidirec- tional I/O pin (say bit 0) and it is defined as an input at this time, the input signal present on the pin itself would be read into the CPU and rewritten to the data latch of this particular pin, overwriting the previous content. As long as the pin stays in the Input mode, no problem occurs. However, if bit 0 is switched into Output mode later on, the content of the data latch may now be unknown. Example 6-1 shows the effect of two sequential Read-Modify-Write instructions (e.g., BCF, BSF, etc.) on an I/O port. A pin actively outputting a high or a low should not be driven from external devices at the same time in order to change the level on this pin (“wired OR”, “wired AND”). The resulting high output currents may damage the chip. EXAMPLE 6-1: READ-MODIFY-WRITE INSTRUCTIONS ON AN I/O PORT(e.g. DSTEMP) 6.5.2 SUCCESSIVE OPERATIONS ON I/O PORTS The actual write to an I/O port happens at the end of an instruction cycle, whereas for reading, the data must be valid at the beginning of the instruction cycle (Figure 6-11). Therefore, care must be exercised if a write followed by a read operation is carried out on the same I/O port. The sequence of instructions should allow the pin voltage to stabilize (load dependent) before the next instruction causes that file to be read into the CPU. Otherwise, the previous state of that pin may be read into the CPU rather than the new state. When in doubt, it is better to separate these instructions with a NOP or another instruction not accessing this I/O port. FIGURE 6-11: SUCCESSIVE I/O OPERATION ;Initial PORTB Settings ;PORTB<5:3> Inputs ;PORTB<2:0> Outputs ; ; PORTB latch PORTB pins ; ---------- ---------- BCF PORTB, 5 ;--01 -ppp --11 pppp BCF PORTB, 4 ;--10 -ppp --11 pppp MOVLW 007h; TRIS PORTB ;--10 -ppp --11 pppp ; Note 1: The user may have expected the pin values to be ‘--00 pppp’. The 2nd BCF caused RB5 to be latched as the pin value (High). PC PC + 1 PC + 2 PC + 3 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Instruction Fetched RB<5:0> MOVWF PORTB NOP Port pin sampled here NOP MOVF PORTB, W Instruction Executed MOVWF PORTB (Write to PORTB) NOP MOVF PORTB,W This example shows a write to PORTB followed by a read from PORTB. Data setup time = (0.25 TCY – TPD) where: TCY = instruction cycle. TPD = propagation delay Therefore, at higher clock frequencies, a write followed by a read may be problematic. (Read PORTB) Port pin written here |