Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP4902T-E/ST Fiches technique(PDF) 37 Page - Microchip Technology

No de pièce MCP4902T-E/ST
Description  8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4902T-E/ST Fiches technique(HTML) 37 Page - Microchip Technology

Back Button MCP4902T-E/ST Datasheet HTML 33Page - Microchip Technology MCP4902T-E/ST Datasheet HTML 34Page - Microchip Technology MCP4902T-E/ST Datasheet HTML 35Page - Microchip Technology MCP4902T-E/ST Datasheet HTML 36Page - Microchip Technology MCP4902T-E/ST Datasheet HTML 37Page - Microchip Technology MCP4902T-E/ST Datasheet HTML 38Page - Microchip Technology MCP4902T-E/ST Datasheet HTML 39Page - Microchip Technology MCP4902T-E/ST Datasheet HTML 40Page - Microchip Technology MCP4902T-E/ST Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
 2010 Microchip Technology Inc.
DS22250A-page 37
MCP4902/4912/4922
8.0
PACKAGING INFORMATION
8.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available characters
for customer-specific information.
3
e
3
e
14-Lead PDIP (300 mil)
Example:
14-Lead TSSOP
Example:
14-Lead SOIC (150 mil)
Example:
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
XXXXXXXXXX
YYWWNNN
XXXXXX
YYWW
NNN
MCP4922
1011256
4922E/ST
1011
256
XXXXXXXXXX
MCP4922
1011256
3
e
E/P
3
e
E/SL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48