Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC12F629-E/P Fiches technique(PDF) 79 Page - Microchip Technology

No de pièce PIC12F629-E/P
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F629-E/P Fiches technique(HTML) 79 Page - Microchip Technology

Back Button PIC12F629-E/P Datasheet HTML 75Page - Microchip Technology PIC12F629-E/P Datasheet HTML 76Page - Microchip Technology PIC12F629-E/P Datasheet HTML 77Page - Microchip Technology PIC12F629-E/P Datasheet HTML 78Page - Microchip Technology PIC12F629-E/P Datasheet HTML 79Page - Microchip Technology PIC12F629-E/P Datasheet HTML 80Page - Microchip Technology PIC12F629-E/P Datasheet HTML 81Page - Microchip Technology PIC12F629-E/P Datasheet HTML 82Page - Microchip Technology PIC12F629-E/P Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 136 page
background image
 2010 Microchip Technology Inc.
DS41190G-page 79
PIC12F629/675
XORLW
Exclusive OR Literal with W
Syntax:
[label] XORLW k
Operands:
0
k 255
Operation:
(W) .XOR. k
W)
Status Affected:
Z
Description:
The contents of the W register
are XOR’ed with the eight-bit
literal ‘k’. The result is placed in
the W register.
XORWF
Exclusive OR W with f
Syntax:
[label]
XORWF f,d
Operands:
0
 f  127
d
 [0,1]
Operation:
(W) .XOR. (f)
destination)
Status Affected:
Z
Description:
Exclusive OR the contents of the
W register with register ‘f’. If ‘d’ is
0, the result is stored in the W
register. If ‘d’ is 1, the result is
stored back in register ‘f’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More