Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP4902-E/ST Fiches technique(PDF) 25 Page - Microchip Technology

No de pièce MCP4902-E/ST
Description  8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4902-E/ST Fiches technique(HTML) 25 Page - Microchip Technology

Back Button MCP4902-E/ST Datasheet HTML 21Page - Microchip Technology MCP4902-E/ST Datasheet HTML 22Page - Microchip Technology MCP4902-E/ST Datasheet HTML 23Page - Microchip Technology MCP4902-E/ST Datasheet HTML 24Page - Microchip Technology MCP4902-E/ST Datasheet HTML 25Page - Microchip Technology MCP4902-E/ST Datasheet HTML 26Page - Microchip Technology MCP4902-E/ST Datasheet HTML 27Page - Microchip Technology MCP4902-E/ST Datasheet HTML 28Page - Microchip Technology MCP4902-E/ST Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
 2010 Microchip Technology Inc.
DS22250A-page 25
MCP4902/4912/4922
FIGURE 5-1:
Write Command for MCP4922 (12-bit DAC).
FIGURE 5-2:
Write Command for MCP4912 (10-bit DAC).
FIGURE 5-3:
Write Command for MCP4902 (8-bit DAC).
SDI
SCK
CS
0
2
1
A/B
GA SHDN D11 D10
config bits
12 data bits
LDAC
3
4
D9
5
6
7
D8 D7 D6
8
9
10
12
D5 D4 D3 D2 D1 D0
11
13 14 15
VOUT
(Mode 1,1)
(Mode 0,0)
BUF
SDI
SCK
CS
0
2
1
A/B
GA SHDN D9 D8
config bits
12 data bits
LDAC
3
4
D7
5
6
7
D6 D5 D4
8
9
10
12
D3 D2 D1 D0
X
X
11
13 14 15
VOUT
(Mode 1,1)
(Mode 0,0)
BUF
Note:
X = “don’t care” bits
SDI
SCK
CS
0
2
1
A/B
GA SHDN
config bits
12 data bits
LDAC
3
4
5
6
7
X
D7 D6
8
9
10
12
D5 D4 D3 D2 D1 D0
11
13 14 15
VOUT
(Mode 1,1)
(Mode 0,0)
XX
X
BUF
Note:
X = “don’t care” bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48