| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP4802-E/P Fiches technique(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4802-E/P Fiches technique(HTML) 12 Page - Microchip Technology |
|
12 / 46 page ![]() MCP4802/4812/4822 DS22249A-page 12 2010 Microchip Technology Inc. Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V, VREF = 2.048V, Gain = 2x, RL = 5 k, CL = 100 pF. FIGURE 2-18: Software Shutdown Current vs. Temperature and VDD. FIGURE 2-19: Offset Error vs. Temperature and VDD. FIGURE 2-20: Gain Error vs. Temperature and VDD. FIGURE 2-21: VIN High Threshold vs. Temperature and VDD. FIGURE 2-22: VIN Low Threshold vs. Temperature and VDD. 1 1.5 2 2.5 3 3.5 4 -40 -20 0 20406080 100 120 Ambient Temperature (ºC) VDD 5.5V 4.0V 5.0V 3.0V 2.7V -0.03 -0.01 0.01 0.03 0.05 0.07 0.09 0.11 -40 -20 0 20 40 60 80 100 120 Ambient Temperature (ºC) VDD 5.5V 4.0V 5.0V 3.0V 2.7V -0.5 -0.45 -0.4 -0.35 -0.3 -0.25 -0.2 -0.15 -0.1 -0.05 -40 -20 0 20 40 60 80 100 120 Ambient Temperature (ºC) VDD 5.5V 4.0V 5.0V 3.0V 2.7V 1 1.5 2 2.5 3 3.5 4 -40 -20 0 20 406080 100 120 Ambient Temperature (ºC) VDD 5.5V 4.0V 5.0V 3.0V 2.7V 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 1.6 -40 -20 0 20 40 60 80 100 120 Ambient Temperature (ºC) VDD 5.5V 4.0V 5.0V 3.0V 2.7V |