Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP4332-503E/ML Fiches technique(PDF) 35 Page - Microchip Technology

No de pièce MCP4332-503E/ML
Description  7/8-Bit Quad SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4332-503E/ML Fiches technique(HTML) 35 Page - Microchip Technology

Back Button MCP4332-503E/ML Datasheet HTML 31Page - Microchip Technology MCP4332-503E/ML Datasheet HTML 32Page - Microchip Technology MCP4332-503E/ML Datasheet HTML 33Page - Microchip Technology MCP4332-503E/ML Datasheet HTML 34Page - Microchip Technology MCP4332-503E/ML Datasheet HTML 35Page - Microchip Technology MCP4332-503E/ML Datasheet HTML 36Page - Microchip Technology MCP4332-503E/ML Datasheet HTML 37Page - Microchip Technology MCP4332-503E/ML Datasheet HTML 38Page - Microchip Technology MCP4332-503E/ML Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 88 page
background image
 2010 Microchip Technology Inc.
DS22242A-page 35
MCP433X/435X
Note: Unless otherwise indicated, TA = +25°C,
VDD =5V, VSS = 0V.
FIGURE 2-90:
POR/BOR Trip point vs. VDD
and Temperature.
FIGURE 2-91:
SCK Input Frequency vs.
Voltage and Temperature.
2.1
Test Circuits
FIGURE 2-92:
-3 db Gain vs. Frequency
Measurement.
FIGURE 2-93:
RBW and RW Measurement.
0
0.4
0.8
1.2
1.6
2
-40
0
40
80
120
Temperature (°C)
13.4
13.5
13.6
13.7
13.8
13.9
14.0
14.1
14.2
-40
0
40
80
120
Temperature (°C)
2.7V
5.5V
+
-
VOUT
2.5V DC
+5V
A
B
W
Offset
GND
VIN
A
B
W
IW
VW
floating
RBW = VW / IW
VA
VB
RW = (VW - VA) / IW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88