| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP4332-103E/ST Fiches technique(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4332-103E/ST Fiches technique(HTML) 12 Page - Microchip Technology |
|
12 / 88 page ![]() MCP433X/435X DS22242A-page 12 2010 Microchip Technology Inc. 1.1 SPI Mode Timing Waveforms and Requirements FIGURE 1-1: Reset Waveforms. TABLE 1-1: RESET TIMING Timing Characteristics Standard Operating Conditions (unless otherwise specified) Operating Temperature –40°C TA +125°C (extended) All parameters apply across the specified operating ranges unless noted. VDD = +2.7V to 5.5V, 5 k, 10 k, 50 k, 100 k devices. Typical specifications represent values for VDD = 5.5V, TA = +25°C. Parameters Sym Min Typ Max Units Conditions RESET pulse width tRST 50 — — ns RESET rising edge normal mode (Wiper driving and SPI interface operational) tRSTD —— 20 ns RESET SCK tRST tRSTD Wx |