| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP4331T-503E/ML Fiches technique(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4331T-503E/ML Fiches technique(HTML) 17 Page - Microchip Technology |
|
17 / 88 page ![]() 2010 Microchip Technology Inc. DS22242A-page 17 MCP433X/435X 2.0 TYPICAL PERFORMANCE CURVES Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V. FIGURE 2-1: Device Current (IDD) vs. SPI Frequency (fSCK) and Ambient Temperature (VDD = 2.7V and 5.5V). FIGURE 2-2: Device Current (ISHDN) and VDD. (CS = VDD) vs. Ambient Temperature. FIGURE 2-3: CS Pull-up/Pull-down Resistance (RCS) and Current (ICS) vs. CS Input Voltage (VCS) (VDD = 5.5V). FIGURE 2-4: CS High Input Entry/Exit Threshold vs. Ambient Temperature and VDD. Note: The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. 0 50 100 150 200 250 300 350 400 450 500 550 600 650 700 0.00 2.00 4.00 6.00 8.00 10.00 12.00 fSCK (MHz) 2.7V -40°C 2.7V 25°C 2.7V 85°C 2.7V 125°C 5.5V -40°C 5.5V 25°C 5.5V 85°C 5.5V 125°C 0.0 0.5 1.0 1.5 2.0 2.5 3.0 -40 25 85 125 Ambient Temperature (°C) 5.5V 2.7V 0 50 100 150 200 250 23456789 10 VCS (V) -1000 -800 -600 -400 -200 0 200 400 600 800 1000 ICS RCS 0 2 4 6 8 10 12 -40 -20 0 20 40 60 80 100 120 Ambient Temperature (°C) 2.7V Exit 5.5V Exit 2.7V Entry 5.5V Entry |