| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP4331T-103E/ML Fiches technique(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4331T-103E/ML Fiches technique(HTML) 20 Page - Microchip Technology |
|
20 / 88 page ![]() MCP433X/435X DS22242A-page 20 2010 Microchip Technology Inc. Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V. FIGURE 2-15: 5k – Worst Case RBW from Average RBW (RBW0-RBW3) Error (%) vs. Wiper Setting and Temperature (VDD = 5.5V, IW = 190 µA). FIGURE 2-16: 5k – Worst Case RBW from Average RBW (RBW0-RBW3) Error (%) vs. Wiper Setting and Temperature (VDD = 3.0V, IW = 190 µA). FIGURE 2-17: 5k – Worst Case RBW from Average RBW (RBW0-RBW3) Error (%) vs. Wiper Setting and Temperature (VDD = 1.8V, IW = 190 µA). FIGURE 2-18: 5k – RWB PPM/°C vs. Wiper Setting. (RBW(code=n, 125°C)-RBW(code=n, -40°C) )/RBW(code = 256, 25°C)/165°C * 1,000,000) (VDD = 5.5V, IW = 190 µA). FIGURE 2-19: 5k – RWB PPM/°C vs. Wiper Setting. (RBW(code=n, 125°C)-RBW(code=n, -40°C) )/RBW(code = 256, 25°C)/165°C * 1,000,000) (VDD = 3.0V, IW = 190 µA). FIGURE 2-20: 5k – RWB PPM/°C vs. Wiper Setting. (RBW(code=n, 125°C)-RBW(code=n, -40°C) )/RBW(code = 256, 25°C)/165°C * 1,000,000) (VDD = 1.8V, IW = 190 µA). -2.50% -1.50% -0.50% 0.50% 1.50% 2.50% 0 32 64 96 128 160 192 224 256 Wiper Code -40C +25C +85C +125C -2.50% -1.50% -0.50% 0.50% 1.50% 2.50% 0 32 64 96 128 160 192 224 256 Wiper Code -40C +25C +85C +125C -7.00% -6.00% -5.00% -4.00% -3.00% -2.00% -1.00% 0.00% 1.00% 2.00% 0 32 64 96 128 160 192 224 256 Wiper Code -40C +25C +85C +125C Note: See Appendix B: for additional infor- mation of RW resistance variation char- acteristics for VDD > 2.7V. 40 42 44 46 48 50 52 54 0 32 64 96 128 160 192 224 256 Wiper Code CH0 CH1 CH2 CH3 60 65 70 75 80 85 90 95 100 0 32 64 96 128 160 192 224 256 Wiper Code CH0 CH1 CH2 CH3 -2000 -1500 -1000 -500 0 500 0 32 64 96 128 160 192 224 256 Wiper Code CH0 CH1 CH2 CH3 Note: See Appendix B: for additional infor- mation of RW resistance variation char- acteristics for VDD > 2.7V. |