| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP2200 Fiches technique(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2200 Fiches technique(HTML) 21 Page - Microchip Technology |
|
21 / 34 page ![]() 2010 Microchip Technology Inc. DS22228A-page 21 MCP2200 4.0 PACKAGING INFORMATION 4.1 Package Marking Information Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note : In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 20-Lead SOIC Example: XXXXXXXXXXXXXX XXXXXXXXXXXXXX YYWWNNN 20-Lead QFN Example XXXXX XXXXXX XXXXXX YWWNNN MCP2200 I/MQ^ ^ 1004256 3 e 20-Lead SSOP Example: XXXXXXXXXXXXXX I/SO ^^ 1004256 MCP2200 XXXXXXXXXXX XXXXXXXXXXX YYWWNNN ^^ 3 e I/SS^^ 1004256 MCP2200 3 e |