Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DV102011 Fiches technique(PDF) 14 Page - Microchip Technology

No de pièce DV102011
Description  Resistive Touch Screen Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DV102011 Fiches technique(HTML) 14 Page - Microchip Technology

Back Button DV102011 Datasheet HTML 10Page - Microchip Technology DV102011 Datasheet HTML 11Page - Microchip Technology DV102011 Datasheet HTML 12Page - Microchip Technology DV102011 Datasheet HTML 13Page - Microchip Technology DV102011 Datasheet HTML 14Page - Microchip Technology DV102011 Datasheet HTML 15Page - Microchip Technology DV102011 Datasheet HTML 16Page - Microchip Technology DV102011 Datasheet HTML 17Page - Microchip Technology DV102011 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
DS41393A-Page 10
© 2009 Microchip Technology, Inc.
Figure 12 : SPI Timing Diagram – Touch Report Protocol
Figure 13 : SPI Timing Diagram – Command Protocol
7.7.3
UART
The SDO pin is not used and must be left as a “no connect”. Do NOT tie it directly to VSS or VDD.
UART communication is at a fixed 9600 baud rate.
7.8
Status LED
The LED and associated resistor are optional.
The LED serves as a status indicator that the controller is functioning. It will slow flash when the controller is
running with no touch in progress. It will flicker quickly (mid level On) when a touch is in progress.
If the LED is used with SPI communication, then the LED will be off with no touch and flicker quickly (mid level
On) when a touch is in progress.
If the SIQ pin is not used, it must be left as a no connect and NOT tied to circuit VDD or VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37