Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AR1010-I/SS Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce AR1010-I/SS
Description  Resistive Touch Screen Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1010-I/SS Fiches technique(HTML) 21 Page - Microchip Technology

Back Button AR1010-I/SS Datasheet HTML 17Page - Microchip Technology AR1010-I/SS Datasheet HTML 18Page - Microchip Technology AR1010-I/SS Datasheet HTML 19Page - Microchip Technology AR1010-I/SS Datasheet HTML 20Page - Microchip Technology AR1010-I/SS Datasheet HTML 21Page - Microchip Technology AR1010-I/SS Datasheet HTML 22Page - Microchip Technology AR1010-I/SS Datasheet HTML 23Page - Microchip Technology AR1010-I/SS Datasheet HTML 24Page - Microchip Technology AR1010-I/SS Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
© 2009 Microchip Technology, Inc.
DS41393A-Page 17
7.12.13 PenStateReportDelay Register (offset 0x0F)
The PenStateReportDelay register sets the delay time between sending of sequential touch reports for the “Pen
Down” and “Pen Up” touch mode states. See TouchMode Register section for touch modes.
For example, if “Pen Up” state of the TouchMode register is configured to send a touch report with P=1, followed
by a touch report with P=0, then this delay occurs between the two touch reports. This provides some timing
flexibility between the two touch reports that may be desired is certain applications. Valid values are as follows.
0 ≤ PenStateReportDelay ≤ 255
Pen State Report Delay Time = PenStateReportDelay * 50μs
7.12.14 TouchReportDelay Register (offset 0x11)
The TouchReportDelay register sets a forced delay time between successive touch report packets. This allows
slowing down of the touch report rate, if desirable for a given application. For example, a given application may
not need a high rate of touch reports and may want to reduce the overhead used to service all of the touch reports
being sent. In this situation, increased the value of this register will reduce the rate at which the controller sends
touch reports. Valid values are as follows.
0 ≤ TouchReportDelay ≤ 255
Touch Report Delay Time ≈ TouchReportDelay * 500μs
7.12.15 User Configuration – Spiking
If the reported touch position contains some spiking position errors, then this can be improved by changing the
following Configuration Register values.
SamplingFast (offset 0x04)
= 8
AccuracyFilterFast (offset 0x06)
= 8
The trade off with the above change is that the touch report rate (points per second) will be decreased. This is
fine for many applications.
7.13 Command Format
The controller supports application specific configuration commands.
To ensure command communication is not interrupted by touch activity, it is recommended that the controller
touch is disabled, prior to other commands. This can be done as follows.
1) Send Disable Touch command
2) Wait 50ms
3) Send desired command/s
4) Send Enable Touch command
The format for sending commands is:
<Header><DataSize><Command><Data>…<Data>
<Header> is defined as a value of 0x55 and is used to mark the beginning of the command packet.
<DataSize> is the number of bytes being sent in the command packet, after <DataSize>.
<Command> is a value assigned to a specific command.
<Data> represent from zero to eight bytes of command specific data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37