Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

24FC128-E/MS Fiches technique(PDF) 31 Page - Microchip Technology

No de pièce 24FC128-E/MS
Description  128K I2C??CMOS Serial EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC128-E/MS Fiches technique(HTML) 31 Page - Microchip Technology

Back Button 24FC128-E/MS Datasheet HTML 27Page - Microchip Technology 24FC128-E/MS Datasheet HTML 28Page - Microchip Technology 24FC128-E/MS Datasheet HTML 29Page - Microchip Technology 24FC128-E/MS Datasheet HTML 30Page - Microchip Technology 24FC128-E/MS Datasheet HTML 31Page - Microchip Technology 24FC128-E/MS Datasheet HTML 32Page - Microchip Technology 24FC128-E/MS Datasheet HTML 33Page - Microchip Technology 24FC128-E/MS Datasheet HTML 34Page - Microchip Technology 24FC128-E/MS Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
 2010 Microchip Technology Inc.
DS21191S-page 31
24AA128/24LC128/24FC128
APPENDIX A: REVISION HISTORY
Revision L
Corrections to Section 1.0, Electrical Characteristics.
Revision M
Added 1.8V 400 kHz option for 24FC128.
Revision N
Revised Sections 2.1, 2.4 and 6.3. Removed 14-Lead
TSSOP Package.
Revision P
Changed 1.8V to 1.7V throughout document; Revised
Features Section; Replaced Package Drawings;
Revised Product ID Section.
Revision Q (June 2008)
Updated packaging; Added Chip Scale package.
Revision R (04/2009)
Updated Chip Scale package.
Revision S (05/2010)
Added TDFN Package; Updated Package Drawings
and Product ID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38