| Moteur de recherche de fiches techniques de composants électroniques |
|
24LC64-E/SM Fiches technique(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24LC64-E/SM Fiches technique(HTML) 33 Page - Microchip Technology |
|
33 / 40 page ![]() 2010 Microchip Technology Inc. DS21189R-page 33 24AA64/24LC64/24FC64 APPENDIX A: REVISION HISTORY Revision H Corrections to Section 1.0, Electrical Characteristics. Revision J Added DFN package. Revision K Revised Sections 7.1 and 7.4. Revision L Added 24FC64 Part; Revised Device Selection Table; Revised Features Section; Deleted Rotated TSSOP Package; Revised Table 1-2; Revised Table 7-1; Revised Package Information; Replaced Package Drawings; Revised Product ID Section. Revision M Updated package drawings. Added 8-lead TDFN and 5-lead SOT-23 packages. Revision N (03/2009) Added 5-lead Chip Scale package. Revision P (03/2009) Added 5-lead Chip Scale Package Diagram and Land Pattern. Revised Block Diagram. Revision Q (06/09) Revised Features section; Revised Table 1-2, Para. 18; Added note to Table 2-1; Revised SOT-23 package example. Revision R (03/2010) Added TSSOP X-Rotated package; Updated Package Drawings; Updated Product ID. |