Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

24LC128-E/SM Fiches technique(PDF) 18 Page - Microchip Technology

No de pièce 24LC128-E/SM
Description  128K I2C??CMOS Serial EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC128-E/SM Fiches technique(HTML) 18 Page - Microchip Technology

Back Button 24LC128-E/SM Datasheet HTML 14Page - Microchip Technology 24LC128-E/SM Datasheet HTML 15Page - Microchip Technology 24LC128-E/SM Datasheet HTML 16Page - Microchip Technology 24LC128-E/SM Datasheet HTML 17Page - Microchip Technology 24LC128-E/SM Datasheet HTML 18Page - Microchip Technology 24LC128-E/SM Datasheet HTML 19Page - Microchip Technology 24LC128-E/SM Datasheet HTML 20Page - Microchip Technology 24LC128-E/SM Datasheet HTML 21Page - Microchip Technology 24LC128-E/SM Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
24AA128/24LC128/24FC128
DS21191S-page 18
 2010 Microchip Technology Inc.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38