| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8308CVMAFDA Fiches technique(PDF) 65 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8308CVMAFDA Fiches technique(HTML) 65 Page - Freescale Semiconductor, Inc |
|
65 / 88 page ![]() MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 0 Freescale Semiconductor 65 Package and Pin Listings MEMC_MDQ[27] M6 I/O GVDDB — MEMC_MDQ[28] M2 I/O GVDDB — MEMC_MDQ[29] M3 I/O GVDDB — MEMC_MDQ[30] L2 I/O GVDDB — MEMC_MDQ[31] L3 I/O GVDDB — MEMC_MDM[0] AB2 O GVDDA — MEMC_MDM[1] V3 O GVDDA — MEMC_MDM[2] P3 O GVDDB — MEMC_MDM[3] M7 O GVDDB — MEMC_MDM[8] K2 O GVDDB — MEMC_MDQS[0] AC3 I/O GVDDA — MEMC_MDQS[1] V1 I/O GVDDA — MEMC_MDQS[2] R1 I/O GVDDB — MEMC_MDQS[3] M1 I/O GVDDB — MEMC_MDQS[8] K1 I/O GVDDB — MEMC_MBA[0] C3 O GVDDB — MEMC_MBA[1] B2 O GVDDB — MEMC_MBA[2] H4 O GVDDB — MEMC_MA0 C2 O GVDDB — MEMC_MA1 D2 O GVDDB — MEMC_MA2 D3 O GVDDB — MEMC_MA3 D4 O GVDDB — MEMC_MA4 E4 O GVDDB — MEMC_MA5 F4 O GVDDB — MEMC_MA6 E2 O GVDDB — MEMC_MA7 E1 O GVDDB — MEMC_MA8 F2 O GVDDB — MEMC_MA9 F3 O GVDDB — MEMC_MA10 C1 O GVDDB — MEMC_MA11 F7 O GVDDB — MEMC_MA12 G2 O GVDDB — MEMC_MA13 G3 O GVDDB — MEMC_MWE D5 O GVDDB — MEMC_MRAS B4 O GVDDB — Table 53. MPC8308 Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |