| Moteur de recherche de fiches techniques de composants électroniques |
|
TUSB1310 Fiches technique(PDF) 16 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TUSB1310 Fiches technique(HTML) 16 Page - Texas Instruments |
|
16 / 36 page ![]() TUSB1310 SLLSE16B – DECEMBER 2009 – REVISED JUNE 2010 www.ti.com 2.10 Power and Ground Table 2-11. Power/Ground Signal Descriptions SIGNAL NAME TYPE BALL NO. DESCRIPTION VDDA3P3 P P12 Analog 3.3-V power supply N14 VDDA1P8 P A13 Analog 1.8-V power supply C10 C12 K14 G13 VDDA1P1 P Analog 1.1-V power supply G14 D14 C11 B2 C3 D4 D7 D8 D9 E4 F4 VDD1P8 P Digital IO 1.8-V power supply G4 H4 L5 L4 M3 L7 L8 L9 A5 A10 B6 B10 E1 F2 K2 L1 VDD1P1 P Digital 1.1-V power supply N5 P4 N10 P10 K13 D13 C4 B14 B13 J13 H13 F13 E13 K12 L12 VSSA G G12 Analog ground D12 N13 M12 M13 Oscillator ground If using a crystal, this should not be connected to PCB ground polane. VSSOSC G B12 See Chapter 5 for guidelines. If using an oscillator, this should be connected to PCB ground. 16 PIN DESCRIPTIONS Copyright © 2009–2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TUSB1310 |