Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT86B50 Fiches technique(PDF) 5 Page - Holtek Semiconductor Inc

No de pièce HT86B50
Description  Enhanced Voice 8-Bit MCU
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86B50 Fiches technique(HTML) 5 Page - Holtek Semiconductor Inc

  HT86B50 Datasheet HTML 1Page - Holtek Semiconductor Inc HT86B50 Datasheet HTML 2Page - Holtek Semiconductor Inc HT86B50 Datasheet HTML 3Page - Holtek Semiconductor Inc HT86B50 Datasheet HTML 4Page - Holtek Semiconductor Inc HT86B50 Datasheet HTML 5Page - Holtek Semiconductor Inc HT86B50 Datasheet HTML 6Page - Holtek Semiconductor Inc HT86B50 Datasheet HTML 7Page - Holtek Semiconductor Inc HT86B50 Datasheet HTML 8Page - Holtek Semiconductor Inc HT86B50 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 83 page
background image
HT86BR10
Chip size: 3265
´4010 (mm)
2
* The IC substrate should be connected to VSS in the PCB layout artwork.
HT86BXX/HT86BRXX
Rev. 1.80
5
March 12, 2010
( 0 , 0 )
2
3
4
5
6
7
8
9
1 0
1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9
2 0 2 1 2 2 2 3
2 4
2 5
2 7
2 8
2 9
3 0
3 1
3 2
3 3
P A 6
P A 5
P A 4
P A 3
P A 2
P A 1
P A 0
P B 0
P B 1
2 6
3 4
1
P A 7
R E S
V S S P
P W M 2
P W M 1
V D D P
V D D A
A U D
V S S A
O S C 2
O S C 1
V S S P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83