| Moteur de recherche de fiches techniques de composants électroniques |
|
HT82K75REW Fiches technique(PDF) 35 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT82K75REW Fiches technique(HTML) 35 Page - Holtek Semiconductor Inc |
|
35 / 103 page ![]() HT82M75REW/HT82K75REW Rev. 1.00 35 June 11, 2010 D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 S B D R ( R e c e i v e d D a t a R e g i s t e r ) M U X S D O B u f f e r M U X M L S D a t a B u s M U X M a s t e r o r S l a v e S D I S D O I n t e r n a l B a u d R a t e C l o c k S C K C l o c k P o l a r i t y C 2 C 1 C 0 S B E N I n t e r n a l B u s y F l a g S B E N W r i t e S B D R W C O L F l a g T R F a n d , s t a r t S B E N E N A N D W r i t e S B D R W r i t e S B D R E n a b l e / D i s a b l e S C S E N M a s t e r o r S l a v e C S E N S B E N a n d , s t a r t a n d , s t a r t SPI Block Diagram Note: WCOL: set by SPI cleared by users CSEN: enable/disable chip selection function pin master mode: 1/0 = with/without SCS output function Slave mode: 1/0 = with/without SCS input control function SBEN: enable/disable serial bus (0: initialise all status flags) when SBEN=0, all status flags should be initialised when SBEN=1, all SPI related function pins should stay at floating state TRF: 1 = data transmitted or received, 0= data is transmitting or still not received CPOL: I/O = clock polarity rising/falling edge: For SPIR Register. If clock polarity set to rising edge (SPI_CPOL=1), serial clock timing follow SCK, otherwise (SPI_CPOL=0) SCK is the serial clock timing. |