| Moteur de recherche de fiches techniques de composants électroniques |
|
LTC4360ISC8-2TRMPBF Fiches technique(PDF) 4 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC4360ISC8-2TRMPBF Fiches technique(HTML) 4 Page - Linear Technology |
|
4 / 12 page ![]() LTC4360-1/LTC4360-2 4 436012f TYPICAL PERFORMANCE CHARACTERISTICS PWRGD Voltage vs PWRGD Current GATE Off Propagation Delay vs Overdrive (VOVDRV) Normal Start-Up Sequence GATE Slow Ramp-Up Entering Sleep Mode (LTC4360-1) Input Supply Current vs Input Voltage GATE Drive vs GATE Current GATE Fast Pull-Down Current vs Temperature VIN 5V/DIV VGATE 10V/DIV VOUT 5V/DIV ICABLE 0.5A/DIV 20ms/DIV 436012 G07 FIGURE 5 CIRCUIT RIN = 150mΩ, LIN = 0.7μH LOAD = 10Ω, COUT = 10μF VIN 5V/DIV VGATE 10V/DIV VOUT 5V/DIV ICABLE 0.5A/DIV 1ms/DIV 436012 G08 FIGURE 5 CIRCUIT RIN = 150mΩ, LIN = 0.7μH LOAD = 10Ω, COUT = 10μF VON 5V/DIV VGATE 10V/DIV VOUT 5V/DIV ICABLE 0.5A/DIV 50μs/DIV 436012 G09 FIGURE 5 CIRCUIT RIN = 150mΩ, LIN = 0.7μH LOAD = 10Ω, COUT = 10μF VIN (V) 1 0.1 1 10 100 1000 10 436012 G01 100 VON = 2.5V (LTC4360-1) LTC4360-1 VON = 0V, LTC4360-2) IGATE (μA) VIN = 5V VIN = 3V VIN = 2.5V 0 0 1 2 3 7 6 5 4 8 2468 436012 G02 10 12 TEMPERATURE (°C) –50 20 25 30 35 40 –25 0 25 50 436012 G03 75 VIN = 6V VGATE = 9V 100 IPWRGD (mA) 0 0 200 100 300 400 500 1234 436012 G04 5 TA = 25°C, VIN = 5V, VON = 0V (LTC4360-1) unless otherwise noted. GATE Voltage and GATE High Threshold (for PWRGD Status) vs Input Voltage VIN (V) 2.5 4 5 10 9 8 7 6 11 12 3.5 3 4 4.5 5 5.5 436012 G06 6 VIN = VOUT VGATE VGATE(TH) VOVDRV (V) 0 0 1 6 5 4 3 2 7 8 0.5 1 1.5 2 436012 G05 2.5 VIN = STEP 5V TO (VIN(OV) + VOVDRV) |