Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT48R063 Fiches technique(PDF) 85 Page - Holtek Semiconductor Inc

No de pièce HT48R063
Description  Enhanced I/O Type 8-Bit OTP MCU
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R063 Fiches technique(HTML) 85 Page - Holtek Semiconductor Inc

Back Button HT48R063 Datasheet HTML 81Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 82Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 83Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 84Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 85Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 86Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 87Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 88Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 89Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 94 page
background image
28-pin SKDIP (300mil) Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
1.375
¾
1.395
B
0.278
¾
0.298
C
0.125
¾
0.135
D
0.125
¾
0.145
E
0.016
¾
0.020
F
0.050
¾
0.070
G
¾
0.100
¾
H
0.295
¾
0.315
I
¾
0.375
¾
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
34.93
¾
35.43
B
7.06
¾
7.57
C
3.18
¾
3.43
D
3.18
¾
3.68
E
0.41
¾
0.51
F
1.27
¾
1.78
G
¾
2.54
¾
H
7.49
¾
8.00
I
¾
9.53
¾
HT48R063/064/065/066/0662/067
Rev. 1.30
85
June 11, 2010
2 8
1
1 5
1 4
A
B
C
D
E
F
G
H
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94