Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

501BMLF Fiches technique(PDF) 2 Page - Integrated Device Technology

No de pièce 501BMLF
Description  LOCO??PLL CLOCK MULTIPLIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

501BMLF Fiches technique(HTML) 2 Page - Integrated Device Technology

  501BMLF Datasheet HTML 1Page - Integrated Device Technology 501BMLF Datasheet HTML 2Page - Integrated Device Technology 501BMLF Datasheet HTML 3Page - Integrated Device Technology 501BMLF Datasheet HTML 4Page - Integrated Device Technology 501BMLF Datasheet HTML 5Page - Integrated Device Technology 501BMLF Datasheet HTML 6Page - Integrated Device Technology 501BMLF Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ICS501B
LOCO™ PLL CLOCK MULTIPLIER
CLOCK MULTIPLIER
IDT™ / ICS™ LOCO™ PLL CLOCK MULTIPLIER
2
ICS501B
REV F 051310
Pin Assignment
Clock Output Table
0 = connect directly to ground
1 = connect directly to VDD
M = leave unconnected (floating)
Pin Descriptions
X1/ I CLK
VDD
GND
OE
S1
S0
CLK
X2
1
2
3
4
8
7
6
5
8 Pi n ( 150 mil) SOIC
S1 S0
CLK
Minimum Input
0
0
4X input
0.5 MHz
0
M
5.3125X input
1 MHz
0
1
5X input
0.5 MHz
M
0
6.25X input
0.5 MHz
M
M
2X input
1 MHz
M
1
3.125X input
1 MHz
1
0
6X input
0.5MHz
1
M
3X input
0.5MHz
1
1
8X input
0.5MHz
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
XI/ICLK
Input
Crystal connection or clock input.
2
VDD
Power
Connect to +3.3 V or +5 V.
3
GND
Power
Connect to ground.
4
S1
Tri-level Iinput
Select 1 for output clock. Connect to GND or VDD or float.
5
CLK
Output
Clock output per table above.
6
S0
Tri-level Input
Select 0 for output clock. Connect to GND or VDD or float.
7
OE
Input
Output enable. Tri-states CLK output when low. Internal pull-up.
8
X2
Output
Crystal connection. Leave unconnected for clock input.



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com