| Moteur de recherche de fiches techniques de composants électroniques |
|
MPR121 Fiches technique(PDF) 21 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPR121 Fiches technique(HTML) 21 Page - Freescale Semiconductor, Inc |
|
21 / 57 page ![]() MPR121 Sensors Freescale Semiconductor 21 ELE8-11, ELEPROX OUT OF RANGE STATUS REGISTER Figure 17. ELE8-11, ELEPROX Out Of Range Status Register 7 6 5 4321 0 RARFF ACFF 0 ELEPROXS E11S E10S E9S E8S W Reset: 0 0 0 0000 0 = Unimplemented Table 19. ELE8-11, ELEPROX Out Of Range Status Register Field Descriptions Field Description 7 ARFF Automatic Reconfiguration Fail Flag – The Automatic Reconfiguration Fail Flag shows is the OOR was triggered during a reconfiguration cycle. 0 – Auto-reconfiguration did not cause the OOR flag 1 – Auto-reconfiguration did cause the OOR flag 6 ACFF Automatic Configuration Fail Flag – The Automatic Configuration Fail Flag shows is the OOR was triggered during an initial configuration cycle. 0 – Auto-configuration did not cause the OOR flag 1 – Auto-configuration did cause the OOR flag 4 ELEPROXS Electrode PROX OOR Status – The Electrode PROX OOR Status shows if the AUTO-CONFIG has failed. 0 – Auto-configuration Successful 1 – Auto-configuration Failed 3 E11S Electrode 11 OOR Status – The Electrode 11 OOR Status shows if the AUTO-CONFIG has failed. 0 – Auto-configuration Successful 1 – Auto-configuration Failed 2 E10S Electrode 10 OOR Status – The Electrode 10 OOR Status shows if the AUTO-CONFIG has failed. 0 – Auto-configuration Successful 1 – Auto-configuration Failed 1 E9S Electrode 9 OOR Status – The Electrode 9 OOR Status shows if the AUTO-CONFIG has failed. 0 – Auto-configuration Successful 1 – Auto-configuration Failed 0 E8S Electrode 8 OOR Status – The Electrode 8 OOR Status shows if the AUTO-CONFIG has failed. 0 – Auto-configuration Successful 1 – Auto-configuration Failed |