Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CC2591RGVT Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce CC2591RGVT
Description  2.4-GHz RF Front End
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CC2591RGVT Fiches technique(HTML) 10 Page - Texas Instruments

Back Button CC2591RGVT Datasheet HTML 6Page - Texas Instruments CC2591RGVT Datasheet HTML 7Page - Texas Instruments CC2591RGVT Datasheet HTML 8Page - Texas Instruments CC2591RGVT Datasheet HTML 9Page - Texas Instruments CC2591RGVT Datasheet HTML 10Page - Texas Instruments CC2591RGVT Datasheet HTML 11Page - Texas Instruments CC2591RGVT Datasheet HTML 12Page - Texas Instruments CC2591RGVT Datasheet HTML 13Page - Texas Instruments CC2591RGVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
RF_P
RXTX
RF_N
RF_P
RF_N
CC2500
CC2510
CC2511
Connected to
VDD/GND/MCU
Alternatively
from MCU
RF_P
RXTX
RF_N
= TLINE inductor
CC2591
ANT
PAEN
EN
HGM
VDD
VDD VDD
VDD
RF_P
RXTX
RF_N
R151
NC
GDO0
GDO2
L112
C113
C111
L111
C112
C161
C11/C12
C101/C102
C131/C132
CC2591
SWRS070A – MARCH 2008 – REVISED JUNE 2008 ........................................................................................................................................................ www.ti.com
Connecting CC2591 to the CC2500, CC2510, or CC2511 Device
Table 4. Control Logic for Connecting CC2591 to a CC2500/10/11 Devices
PAEN
EN
RXTX
HGM
MODE OF OPERATION
0
0
NC
X
Power Down
0
1
NC
0
RX LGM
0
1
NC
1
RX HGM
1
0
NC
X
TX
1
1
NC
X
Not allowed
Figure 11. CC2591 + CC2500/10/11 Device Application Circuit
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): CC2591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18