Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM6600FQ24DM6F Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce STM6600FQ24DM6F
Description  Smart push-button on/off controller with Smart ResetTM and power-on lockout
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6600FQ24DM6F Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button STM6600FQ24DM6F Datasheet HTML 17Page - STMicroelectronics STM6600FQ24DM6F Datasheet HTML 18Page - STMicroelectronics STM6600FQ24DM6F Datasheet HTML 19Page - STMicroelectronics STM6600FQ24DM6F Datasheet HTML 20Page - STMicroelectronics STM6600FQ24DM6F Datasheet HTML 21Page - STMicroelectronics STM6600FQ24DM6F Datasheet HTML 22Page - STMicroelectronics STM6600FQ24DM6F Datasheet HTML 23Page - STMicroelectronics STM6600FQ24DM6F Datasheet HTML 24Page - STMicroelectronics STM6600FQ24DM6F Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
STM6600 - STM6601
Waveforms
Doc ID 15453 Rev 7
21/51
Figure 14.
PB interrupt
1.
PB detection on falling edge.
2.
PB is released within tSRD and that is why NO reset is asserted and EN is NOT deasserted immediately.
PB
(1,2)
t
DEBOUNCE
t
INT_Min
t
EN_OFF
Push-button pressed and
PB connected to GND
and EN is deasserted
accordingly
PB status
ignored
V
CC undervoltage
detection ignored
PB status
ignored
processor sets PSHOLD low
PSHOLD
AM00251v2
processor interrupt starts power-down sequence
Note: VCC is considered VCC > VTH+.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51