Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM6601AS2BDM6F Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce STM6601AS2BDM6F
Description  Smart push-button on/off controller with Smart ResetTM and power-on lockout
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6601AS2BDM6F Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button STM6601AS2BDM6F Datasheet HTML 10Page - STMicroelectronics STM6601AS2BDM6F Datasheet HTML 11Page - STMicroelectronics STM6601AS2BDM6F Datasheet HTML 12Page - STMicroelectronics STM6601AS2BDM6F Datasheet HTML 13Page - STMicroelectronics STM6601AS2BDM6F Datasheet HTML 14Page - STMicroelectronics STM6601AS2BDM6F Datasheet HTML 15Page - STMicroelectronics STM6601AS2BDM6F Datasheet HTML 16Page - STMicroelectronics STM6601AS2BDM6F Datasheet HTML 17Page - STMicroelectronics STM6601AS2BDM6F Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
Waveforms
STM6600 - STM6601
14/51
Doc ID 15453 Rev 7
4
Waveforms
Figure 7.
Successful power-up on STM6600 (PB released prior to tON_BLANK expiration)
1.
PB detection on falling and rising edges.
2.
Internal pull-down resistor 300 k
Ω is connected to PSHOLD input during power-up.
3.
EN signal is high even after PB release, because processor sets PSHOLD signal high before PB is released.
PSHOLD
ignored
internal pull-down resistor
connected to PSHOLD input
VCC undervoltage detection
ignored
PB
(1)
PSHOLD
(2)
EN
(3)
RST
Push-button pressed and
PB connected to GND
tDEBOUNCE
tREC
processor
sets PSHOLD
PB released prior to t ON_BLANK
expiration
PSHOLD state detected as high
EN remains asserted
tON_BLANK
AM00247v3
INT signal is held high during power-up (i.e. until PB release in this case).
V
CC is considered VCC > VTH+.
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com