| Moteur de recherche de fiches techniques de composants électroniques |
|
FSF356D Fiches technique(PDF) 7 Page - Sanyo Semicon Device |
|
|
|||||||||||||||||||||||||||||
FSF356D Fiches technique(HTML) 7 Page - Sanyo Semicon Device |
|
7 / 10 page ![]() 6 Host Devices PLC and controllers are available as the host device. Single phase AC100V to AC230V (t) (r) ● I/O signal connector(bundled) ● I/O signal cable (optional) C 3 ● Motor connector (bundled) 2 ● AC power connector (bundled) 1 ● AC power cable(optional) A Molded case circuit breaker Noise filter Electromagnetic contactor Switches driver power on/off. Use together with a surge protector. Filters out incoming noise from power line Protects the power line. Cuts off circuit in the event of overcurrent. PLC |