| Moteur de recherche de fiches techniques de composants électroniques |
|
SPL01001031ST Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SPL01001031ST Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 5 page ![]() Features - Linear Position Sensor - IP65 Dust Proof, Water Proof (Intense Spray) - Polyester Substrate - 3M Pressure Sensitive Adhesive (PSA) - Upon Request - Male or Female Nicomatic or Berg Connectors - Wiper of 1-3 Newton Force to Actuate Part - Higher Temperature and/or Contactless Options Available spectrasymbol.com (888) 795-2283 Rev F2 - Page 1 Mechanical Specifications Electrical Specifications -Life Cycle: >1 million -Height: 0.51mm (0.020") -Actuation Force (with a 10mm wide active cavity): -40°C 0.8 to 1.8 N -25°C 0.8 to 1.8 N +23°C 0.6 to 1.5 N +50°C 0.6 to 1.5 N -Resistance - Standard: 10k Ohms (lengths >300mm = 20k Ohms) -Resistance - Custom: 1k to 100k Ohms -Resistance Tolerance: ±20% -Effective Electrical Travel: 8 to 2000mm -Linearity (Independent): Linear ±1% & 3% Rotary ±3% & 5% -Repeatability: No hysteresis, but with any wiper looseness some hysteresis will occur -Power Rating (depending on size, varies with length and temperature): 1 Watt max. @ 25°C, 0.5 Watt recommended -Resolution: Analog output theoretically infinite; affected by variation of contact wiper surface area. -Dielectric Value: No affect @ 500VAC for 1 minute Dimensional Diagram - Stock Linear SoftPot ACTIVE LENGTH [A] 6.60 [0.260] PART LENGTH [P] 7.93 [0.312] 20.32 [0.800] 7.11 [0.280] ACTIVE WIDTH 10.16 [0.400] TAIL WIDTH TAIL LENGTH [T] PIN 1 Environmental Specifications -Operating Temperature: -40°C to +50°C -Humidity: No affect @ 95% RH, 4hrs 50°C -IP Rating of Active Area: IP65 A 50.00mm 1.969" 100.00mm 3.937" 150.00mm 5.906" 200.00mm 7.874" 300.00mm 11.811" 400.00mm 15.748" 500.00mm 19.685" P 65.86mm 2.593" 25.00mm 0.984" 40.86mm 1.609" 12.50mm 0.492" 28.36mm 1.117" 115.86mm 4.562" 165.86mm 6.531" 215.86mm 8.499" 170.00mm 6.693" 185.86mm 7.318" 315.86mm 12.436" 415.86mm 16.373" 515.86mm 20.310" 750.00mm 29.528" 1000.00mm 39.370" 765.86mm 30.153" 1015.86mm 39.995" T 24.89mm 0.980" 12.70mm 0.500" |
Numéro de pièce similaire - SPL01001031ST |
|
Description similaire - SPL01001031ST |