Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC68C652B Fiches technique(PDF) 34 Page - NXP Semiconductors

No de pièce SC68C652B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C652B Fiches technique(HTML) 34 Page - NXP Semiconductors

Back Button SC68C652B Datasheet HTML 30Page - NXP Semiconductors SC68C652B Datasheet HTML 31Page - NXP Semiconductors SC68C652B Datasheet HTML 32Page - NXP Semiconductors SC68C652B Datasheet HTML 33Page - NXP Semiconductors SC68C652B Datasheet HTML 34Page - NXP Semiconductors SC68C652B Datasheet HTML 35Page - NXP Semiconductors SC68C652B Datasheet HTML 36Page - NXP Semiconductors SC68C652B Datasheet HTML 37Page - NXP Semiconductors SC68C652B Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
SC68C652B_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 2 November 2009
34 of 43
NXP Semiconductors
SC68C652B
Dual UART with 32-byte FIFOs and IrDA encoder/decoder
Fig 11. Receive ready timing in FIFO mode
D0
D1
D2
D3
D4
D5
D6
D7
002aab092
first byte that
reaches the
trigger level
Stop
bit
parity
bit
td15
RXA, RXB
RXRDYA,
RXRDYB
CS (read)
active data
ready
Start
bit
data bits (0 to 7)
active
td16
Fig 12. Transmit timing
D0
D1
D2
D3
D4
D5
D6
D7
active
transmitter ready
active
16 baud rate clock
002aab093
td14
Start
bit
td12
TXA, TXB
IRQ
CS (write)
data bits (0 to 7)
active
td13
5 data bits
6 data bits
7 data bits
parity
bit
Stop
bit
next
data
Start
bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43