Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPS61L60CW Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STPS61L60CW
Description  Power Schottky rectifer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS61L60CW Fiches technique(HTML) 6 Page - STMicroelectronics

  STPS61L60CW Datasheet HTML 1Page - STMicroelectronics STPS61L60CW Datasheet HTML 2Page - STMicroelectronics STPS61L60CW Datasheet HTML 3Page - STMicroelectronics STPS61L60CW Datasheet HTML 4Page - STMicroelectronics STPS61L60CW Datasheet HTML 5Page - STMicroelectronics STPS61L60CW Datasheet HTML 6Page - STMicroelectronics STPS61L60CW Datasheet HTML 7Page - STMicroelectronics STPS61L60CW Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package Information
STPS61L60C
6/8
Doc ID 15641 Rev 1
Table 6.
TO-220AB dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.066
F2
1.14
1.70
0.044
0.066
G
4.95
5.15
0.194
0.202
G1
2.40
2.70
0.094
0.106
H2
10
10.40
0.393
0.409
L2
16.4 typ.
0.645 typ.
L4
13
14
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.20
6.60
0.244
0.259
L9
3.50
3.93
0.137
0.154
M
2.6 typ.
0.102 typ.
Diam.
3.75
3.85
0.147
0.151
A
C
D
L7
Dia
L5
L6
L9
L4
F
H2
G
G1
L2
F2
F1
E
M



Html Pages

1 2 3 4 5 6 7 8