| Moteur de recherche de fiches techniques de composants électroniques |
|
STM6600 Fiches technique(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6600 Fiches technique(HTML) 18 Page - STMicroelectronics |
|
18 / 51 page ![]() Waveforms STM6600 - STM6601 18/51 Doc ID 15453 Rev 7 Figure 11. Successful power-up on STM6601 1. PB detection on falling edge. 2. Internal pull-down resistor 300 k Ω is connected to PSHOLD input during power-up. 3. PSHOLD signal is ignored during tON_BLANK. When tON_BLANK expires, the level of the PSHOLD signal is high therefore the EN signal remains asserted. PB status and VCCundervoltage ignored PB (1) EN (3) RST Push-button pressed and PB connected to GND t DEBOUNCE tREC processor sets PSHOLD detection tON_BLANK PSHOLD ignored tON_BLANK expires PSHOLD state detected as high EN remains asserted (2) internal pull-down resistor connected to PSHOLD input PSHOLD AM00250v2 INT signal is held high during power-up (i.e. until tON_BLANK expires in the case of the STM6601). VCC is considered VCC > VTH+. Note: |