Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP8863ACPZ-R7 Fiches technique(PDF) 41 Page - Analog Devices

No de pièce ADP8863ACPZ-R7
Description  Charge Pump,7-Channel Fun Lighting LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP8863ACPZ-R7 Fiches technique(HTML) 41 Page - Analog Devices

Back Button ADP8863ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
ADP8863
Rev. 0 | Page 41 of 48
DAC Code
Linear Law (mA)
Square Law (mA)1
0x30
22.68
8.57
0x31
23.15
8.932
0x32
23.62
9.3
0x33
24.09
9.676
0x34
24.57
10.058
0x35
25.04
10.45
0x36
25.51
10.848
0x37
25.98
11.254
0x38
26.46
11.666
0x39
26.93
12.086
0x3A
27.40
12.514
0x3B
27.87
12.95
0x3C
28.35
13.392
0x3D
28.82
13.842
0x3E
29.29
14.3
0x3F
29.76
14.764
0x40
30.24
15.238
0x41
30.71
15.718
0x42
31.18
16.204
0x43
31.65
16.7
0x44
32.13
17.202
0x45
32.60
17.71
0x46
33.07
18.228
0x47
33.54
18.752
0x48
34.02
19.284
0x49
34.49
19.824
0x4A
34.96
20.37
0x4B
35.43
20.926
0x4C
35.91
21.486
0x4D
36.38
22.056
0x4E
36.85
22.632
0x4F
37.32
23.216
0x50
37.80
23.808
0x51
38.27
24.406
0x52
38.74
25.014
0x53
39.21
25.628
0x54
39.69
26.248
0x55
40.16
26.878
0x56
40.63
27.514
0x57
41.10
28.156
DAC Code
Linear Law (mA)
Square Law (mA)1
0x58
41.57
28.808
0x59
42.05
29.466
0x5A
42.52
30.132
0x5B
42.99
30.806
0x5C
43.46
31.486
0x5D
43.94
32.174
0x5E
44.41
32.87
0x5F
44.88
33.574
0x60
45.35
34.284
0x61
45.83
35.002
0x62
46.30
35.726
0x63
46.77
36.46
0x64
47.24
37.2
0x65
47.72
37.948
0x66
48.19
38.702
0x67
48.66
39.466
0x68
49.13
40.236
0x69
49.61
41.014
0x6A
50.08
41.798
0x6B
50.55
42.59
0x6C
51.02
43.39
0x6D
51.50
44.198
0x6E
51.97
45.012
0x6F
52.44
45.834
0x70
52.91
46.664
0x71
53.39
47.5
0x72
53.86
48.346
0x73
54.33
49.198
0x74
54.80
50.056
0x75
55.28
50.924
0x76
55.75
51.798
0x77
56.22
52.68
0x78
56.69
53.568
0x79
57.17
54.464
0x7A
57.64
55.368
0x7B
58.11
56.28
0x7C
58.58
57.198
0x7D
59.06
58.126
0x7E
59.53
59.058
0x7F
60
60
1 Cubic 10 and Cubic 11 laws use the square law DAC setting but vary the time
step per DAC code (see the
section).
Automated Fade In and Fade Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48