Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP1882ARMZ-1.0-R7 Fiches technique(PDF) 34 Page - Analog Devices

No de pièce ADP1882ARMZ-1.0-R7
Description  Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP1882ARMZ-1.0-R7 Fiches technique(HTML) 34 Page - Analog Devices

Back Button ADP1882ARMZ-1.0-R7 Datasheet HTML 30Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 31Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 32Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 33Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 34Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 35Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 36Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 37Page - Analog Devices ADP1882ARMZ-1.0-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
ADP1882/ADP1883
Rev. 0 | Page 34 of 40
OUTPUT CAPACITORS
ARE MOUNTED ON THE
RIGHTMOST AREA OF
THE EVB, WRAPPING
BACK AROUND TO THE
MAIN POWER GROUND
PLANE, WHERE IT MEETS
WITH THE NEGATIVE
TERMINALS OF THE
INPUT CAPACITORS.
INPUT CAPACITORS
ARE MOUNTED CLOSE
TO DRAIN OF Q1/Q2
AND SOURCE OF Q3/Q4.
BYPASS POWER CAPACITOR (C1)
FOR VDD BIAS DECOUPLING AND
HIGH FREQUENCY CAPACITOR
(C2) AS CLOSE AS POSSIBLE TO
THE IC.
SENSITIVE ANALOG
COMPONENTS
LOCATED FAR
FROM THE NOISY
POWER SECTION.
SEPARATE ANALOG GROUND
PLANE FOR THE ANALOG
COMPONENTS (THAT IS,
COMPENSATION AND
FEEDBACK RESISTORS).
Figure 84. Overall Layout of the ADP1882 High Current Evaluation Board
Figure 85. Layer 2 of Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40