Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8494ARMZ-R7 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD8494ARMZ-R7
Description  Thermocouple Amplifiers With Cold Junction Compensation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8494ARMZ-R7 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD8494ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8494ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8494ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8494ARMZ-R7 Datasheet HTML 9Page - Analog Devices AD8494ARMZ-R7 Datasheet HTML 10Page - Analog Devices AD8494ARMZ-R7 Datasheet HTML 11Page - Analog Devices AD8494ARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8494ARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8494ARMZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AD849x
PCB
TRACES
KEEP
TRACES
SHORT
KEEP JUNCTION AND
AD849x AT SAME
TEMPERATURE
MEASUREMENT
JUNCTION
REFERENCE
JUNCTION
THERMOCOUPLE WIRE
INCORRECT
V
CORRECT
AD849x
AD8613
+
–
V
REF
AD849x
REF
WHEN USING EXPOSED OR GROUNDED THERMOCOUPLE TIPS
WHEN USING ISOLATED THERMOCOUPLE TIPS
RAILS HIGH WITH OPEN
THERMOCOUPLE
RAILS LOW WITH OPEN
THERMOCOUPLE
ELECTRICAL CONNECTION OCCURS AT TIP.
VOLTAGE MUST STAY IN INPUT VOLTAGE
RANGE OF AD849x.
WHEN THERMOCOUPLE TIP TYPE IS UNKNOWN
10MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15