| Moteur de recherche de fiches techniques de composants électroniques |
|
PRLL5817 Fiches technique(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PRLL5817 Fiches technique(HTML) 9 Page - NXP Semiconductors |
|
9 / 11 page ![]() 1999 Apr 22 9 NXP Semiconductors Product data sheet Schottky barrier diodes PRLL5817; PRLL5818; PRLL5819 PACKAGE OUTLINE REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC EIAJ SOD87 100H03 99-03-31 99-06-04 Hermetically sealed glass surface mounted package; ImplotecTM(1) technology; 2 connectors SOD87 UNIT D mm 2.1 2.0 2.0 1.8 3.7 3.3 0.3 D1 H L DIMENSIONS (mm are the original dimensions) H D D1 LL (2) 0 1 2 mm scale Notes 1. Implotec is a trademark of Philips. 2. The marking indicates the cathode. ka |