Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PMD9050D Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce PMD9050D
Description  MOSFET driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMD9050D Fiches technique(HTML) 2 Page - NXP Semiconductors

  PMD9050D Datasheet HTML 1Page - NXP Semiconductors PMD9050D Datasheet HTML 2Page - NXP Semiconductors PMD9050D Datasheet HTML 3Page - NXP Semiconductors PMD9050D Datasheet HTML 4Page - NXP Semiconductors PMD9050D Datasheet HTML 5Page - NXP Semiconductors PMD9050D Datasheet HTML 6Page - NXP Semiconductors PMD9050D Datasheet HTML 7Page - NXP Semiconductors PMD9050D Datasheet HTML 8Page - NXP Semiconductors PMD9050D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PMD9050D_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 27 November 2006
2 of 13
NXP Semiconductors
PMD9050D
MOSFET driver
2.
Pinning information
3.
Ordering information
4.
Marking
Table 2.
Pinning
Pin
Symbol
Description
Simplified outline
Symbol
1
IN
input
2
OUT
output
3
RC
collector resistor
4
GND
ground
5
ON
output enable
6
OFF
output disable
13
2
4
5
6
006aaa654
D1
TR3
TR2
TR1
123
654
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PMD9050D
SC-74
plastic surface-mounted package (TSOP6); 6 leads
SOT457
Table 4.
Marking codes
Type number
Marking code
PMD9050D
9G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13