Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PMD4002K Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce PMD4002K
Description  MOSFET driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMD4002K Fiches technique(HTML) 2 Page - NXP Semiconductors

  PMD4002K Datasheet HTML 1Page - NXP Semiconductors PMD4002K Datasheet HTML 2Page - NXP Semiconductors PMD4002K Datasheet HTML 3Page - NXP Semiconductors PMD4002K Datasheet HTML 4Page - NXP Semiconductors PMD4002K Datasheet HTML 5Page - NXP Semiconductors PMD4002K Datasheet HTML 6Page - NXP Semiconductors PMD4002K Datasheet HTML 7Page - NXP Semiconductors PMD4002K Datasheet HTML 8Page - NXP Semiconductors PMD4002K Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PMD4002K_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 3 November 2006
2 of 15
NXP Semiconductors
PMD4002K
MOSFET driver
2.
Pinning information
3.
Ordering information
4.
Marking
Table 2.
Pinning
Pin
Description
Simplified outline
Symbol
1
base TR1, cathode D1
2
emitter TR1, anode D1
3
collector TR1
12
3
006aaa655
D1
TR1
12
3
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PMD4002K
SC-59A
plastic surface-mounted package; 3 leads
SOT346
Table 4.
Marking codes
Type number
Marking code
PMD4002K
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15