| Moteur de recherche de fiches techniques de composants électroniques |
|
PIMZ2 Fiches technique(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PIMZ2 Fiches technique(HTML) 1 Page - NXP Semiconductors |
|
1 / 9 page ![]() 1. Product profile 1.1 General description NPN/PNP general-purpose double transistors. 1.2 Features Simplified circuit design Reduced component count Reduced pick and place costs 1.3 Applications General-purpose switching and amplification 1.4 Quick reference data PIMZ2; PUMZ2 NPN/PNP general-purpose double transistors Rev. 06 — 17 November 2009 Product data sheet Table 1. Product overview Type number Package Configuration NXP JEITA PIMZ2 SOT457 SC-74 NPN/PNP double transistors PUMZ2 SOT363 SC-88 NPN/PNP double transistors Table 2. Quick reference data Symbol Parameter Conditions Min Typ Max Unit VCEO collector-emitter voltage open base - - 50 V IC collector current (DC) - - 150 mA |
Numéro de pièce similaire - PIMZ2 |
|
Description similaire - PIMZ2 |