Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PESDXS2UT Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce PESDXS2UT
Description  Double ESD protection diodes in SOT23 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESDXS2UT Fiches technique(HTML) 3 Page - NXP Semiconductors

  PESDXS2UT Datasheet HTML 1Page - NXP Semiconductors PESDXS2UT Datasheet HTML 2Page - NXP Semiconductors PESDXS2UT Datasheet HTML 3Page - NXP Semiconductors PESDXS2UT Datasheet HTML 4Page - NXP Semiconductors PESDXS2UT Datasheet HTML 5Page - NXP Semiconductors PESDXS2UT Datasheet HTML 6Page - NXP Semiconductors PESDXS2UT Datasheet HTML 7Page - NXP Semiconductors PESDXS2UT Datasheet HTML 8Page - NXP Semiconductors PESDXS2UT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2004 Apr 15
3
NXP Semiconductors
Product data sheet
Double ESD protection diodes in SOT23
package
PESDxS2UT series
ORDERING INFORMATION
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1.
Non-repetitive current pulse 8/20µ
µs exponential decay waveform; see Fig.2.
2.
Measured across either pins 1 and 3 or pins 2 and 3.
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PESD3V3S2UT
−
plastic surface mounted package; 3 leads
SOT23
PESD5V2S2UT
PESD12VS2UT
PESD15VS2UT
PESD24VS2UT
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Ppp
peak pulse power
8/20
µs pulse; notes 1 and 2
PESD3V3S2UT
−
330
W
PESD5V2S2UT
−
260
W
PESD12VS2UT
−
180
W
PESD15VS2UT
−
160
W
PESD24VS2UT
−
160
W
Ipp
peak pulse current
8/20
µs pulse; notes 1 and 2
PESD3V3S2UT
−
18
A
PESD5V2S2UT
−
15
A
PESD12VS2UT
−
5
A
PESD15VS2UT
−
5
A
PESD24VS2UT
−
3
A
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13