| Moteur de recherche de fiches techniques de composants électroniques |
|
RUSBF250-AP Fiches technique(PDF) 1 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
RUSBF250-AP Fiches technique(HTML) 1 Page - Tyco Electronics |
|
1 / 27 page ![]() PolySwitch Resettable Devices Radial-leaded Devices Raychem Circuit Protection has pioneered PPTC technology for over 25 years. Our radial-leaded products represent the widest range of product capabilities. • RGEF series for hold currents up to 14A • RHEF series for flatter thermal derating and operating temperatures up to 125°C • RUEF series for balance of voltage rating (30V) and hold current (up to 9A) • RUSBF series for fast time-to-trip and low-resistance computer applications • RTEF series specifically designed for IEEE-1394 applications • RXEF series for low hold currents (down to 50mA) and high voltage rating (up to 72V) • LVR/LVRL series for line voltage applications up to a continuous operating voltage of 265VAC/135VAC • BBRF series for cable telephone applications • Now offering Pb-free versions of all products. For Pb-free versions of R-line products simply add an "F" to the end of the series description. Whether for design or volume application, Raychem Circuit Protection's radial-leaded products represent the most comprehensive and complete set of PPTC products available in the industry today. Benefits • Many product choices give engineers more design flexibility • Compatible with high-volume electronics assembly • Assists in meeting regulatory requirements • Higher voltage ratings allow use in new applications Features • Broadest range of radial-leaded resettable devices available in the industry • Current ratings from 50mA to 15A • Voltage ratings from 6V (computer and electronic applications) to 265VAC line voltage applications • Agency recognition : UL, CSA, TÜV • Fast time-to-trip • Low resistance • USB hub, ports and peripherals • IEEE1394 ports • CD-ROMs • Game machines • Battery packs Applications • Satellite video receivers • Industrial controls • Transformers • Computer motherboards • Modems • Phones • Fax machines • Analog and digital line cards • Printers 13 110 |
Numéro de pièce similaire - RUSBF250-AP |
|
Description similaire - RUSBF250-AP |