| Moteur de recherche de fiches techniques de composants électroniques |
|
1206SFS200F/63 Fiches technique(PDF) 3 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
1206SFS200F/63 Fiches technique(HTML) 3 Page - Tyco Electronics |
|
3 / 8 page ![]() 113 13 RoHS Compliant, ELV Compliant HF Halogen Free 100 10 1 0.1 0.01 0.001 10100 1 Current (A) 0 0603SFS Average Time Current Curves 0 A B C D E F G H I A = 1.0A B = 1.5A C = 2.0A D = 2.5A E = 3.0A F = 3.5A G = 4.0A H = 4.5A I = 5.0A Figure FS1 10,000 1000 100 10 1 0.1 0.01 0.001 0.01 10 0.1 1 100 Time (s) 0603SFS I²t vs. t Curves A B C D E F G H I A = 1.0A B = 1.5A C = 2.0A D = 2.5A E = 3.0A F = 3.5A G = 4.0A H = 4.5A I = 5.0A Figure FS2 Note: Curves are nominal Family Performance Curves Figure FS1-FS4 |