Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

0603SFS200F/32 Fiches technique(PDF) 3 Page - Tyco Electronics

No de pièce 0603SFS200F/32
Description  Slow-Blow Chip Fuses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

0603SFS200F/32 Fiches technique(HTML) 3 Page - Tyco Electronics

  0603SFS200F/32 Datasheet HTML 1Page - Tyco Electronics 0603SFS200F/32 Datasheet HTML 2Page - Tyco Electronics 0603SFS200F/32 Datasheet HTML 3Page - Tyco Electronics 0603SFS200F/32 Datasheet HTML 4Page - Tyco Electronics 0603SFS200F/32 Datasheet HTML 5Page - Tyco Electronics 0603SFS200F/32 Datasheet HTML 6Page - Tyco Electronics 0603SFS200F/32 Datasheet HTML 7Page - Tyco Electronics 0603SFS200F/32 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
113
13
RoHS Compliant, ELV Compliant
HF Halogen Free
100
10
1
0.1
0.01
0.001
10100
1
Current (A)
0
0603SFS Average Time Current Curves
0
A
B
C
D
E
F
G
H I
A =
1.0A
B =
1.5A
C =
2.0A
D =
2.5A
E =
3.0A
F =
3.5A
G =
4.0A
H =
4.5A
I
=
5.0A
Figure FS1
10,000
1000
100
10
1
0.1
0.01
0.001
0.01
10
0.1
1
100
Time (s)
0603SFS I²t vs. t Curves
A
B
C
D
E
F
G
H
I
A =
1.0A
B =
1.5A
C =
2.0A
D =
2.5A
E =
3.0A
F =
3.5A
G =
4.0A
H =
4.5A
I
=
5.0A
Figure FS2
Note: Curves are nominal
Family Performance Curves
Figure FS1-FS4



Html Pages

1 2 3 4 5 6 7 8