| Moteur de recherche de fiches techniques de composants électroniques |
|
PDTC144VM Fiches technique(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PDTC144VM Fiches technique(HTML) 7 Page - NXP Semiconductors |
|
7 / 11 page ![]() PDTC144V_SER_4 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 04 — 16 November 2009 7 of 11 NXP Semiconductors PDTC144V series NPN resistor-equipped transistors; R1 = 47 k Ω, R2 = 10 kΩ 8. Package outline Fig 5. Package outline SOT416 (SC-75) Fig 6. Package outline SOT346 (SC-59A/TO-236) Fig 7. Package outline SOT883 (SC-101) Fig 8. Package outline SOT54 (SC-43A/TO-92) Fig 9. Package outline SOT54A Fig 10. Package outline SOT54 variant 04-11-04 Dimensions in mm 0.95 0.60 1.8 1.4 1.75 1.45 0.9 0.7 0.25 0.10 1 0.30 0.15 12 3 0.45 0.15 04-11-11 Dimensions in mm 3.0 2.5 1.7 1.3 0.26 0.10 12 3 1.9 0.50 0.35 1.3 1.0 3.1 2.7 0.6 0.2 03-04-03 Dimensions in mm 0.62 0.55 0.55 0.47 0.50 0.46 0.65 0.20 0.12 3 21 0.30 0.22 0.30 0.22 1.02 0.95 0.35 04-11-16 Dimensions in mm 5.2 5.0 14.5 12.7 4.8 4.4 4.2 3.6 0.45 0.38 0.48 0.40 1.27 2.54 3 2 1 04-06-28 Dimensions in mm 5.2 5.0 14.5 12.7 4.8 4.4 4.2 3.6 0.45 0.38 0.48 0.40 2.54 5.08 3 max 3 2 1 05-01-10 Dimensions in mm 5.2 5.0 14.5 12.7 4.8 4.4 4.2 3.6 0.45 0.38 0.48 0.40 1.27 1.27 2.54 2.5 max 3 2 1 |