| Moteur de recherche de fiches techniques de composants électroniques |
|
SMD075F/60 Fiches technique(PDF) 13 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
SMD075F/60 Fiches technique(HTML) 13 Page - Tyco Electronics |
|
13 / 20 page ![]() 103 RoHS Compliant, ELV Compliant HF Halogen Free 10 Fault Current (A) 100 10 1 0.1 0.01 0.001 0.1 1 100 10 B B A A C C D D E E Figure S13 midSMD A= SMD030F-2018 B= decaSMDC050F/60 C= SMD100F-2018 D= SMD150F-2018 E= SMD200F-2018 Fault Current (A) 10 1 0.1 10 1 100 A A Figure S12 miniSMDC300F A= miniSMDC300F Fault Current (A) 10 1 0.1 0.01 0.001 0.1 1 100 10 A A Figure S11 miniSMDC030F A= miniSMDC030F Figure S5-S15 Typical Time-to-trip Curves at 20°C for Surface-mount Devices Cont’d |