| Moteur de recherche de fiches techniques de composants électroniques |
|
PDTC143XT Fiches technique(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PDTC143XT Fiches technique(HTML) 8 Page - NXP Semiconductors |
|
8 / 12 page ![]() PDTC143X_SER_10 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 10 — 16 November 2009 8 of 12 NXP Semiconductors PDTC143X series NPN resistor-equipped transistors; R1 = 4.7 k Ω, R2 = 10 kΩ Fig 11. Package outline SOT23 (TO-236AB) Fig 12. Package outline SOT323 (SC-70) Fig 13. Package outline SOT490 (SC-89) 04-11-04 Dimensions in mm 0.45 0.15 1.9 1.1 0.9 3.0 2.8 2.5 2.1 1.4 1.2 0.48 0.38 0.15 0.09 12 3 04-11-04 Dimensions in mm 0.45 0.15 1.1 0.8 2.2 1.8 2.2 2.0 1.35 1.15 1.3 0.4 0.3 0.25 0.10 12 3 98-10-23 Dimensions in mm 1.7 1.5 0.8 0.6 1.7 1.5 0.95 0.75 0.2 0.1 1 0.33 0.23 12 3 0.5 0.3 |