| Moteur de recherche de fiches techniques de composants électroniques |
|
MINISMDC260F/12 Fiches technique(PDF) 1 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
MINISMDC260F/12 Fiches technique(HTML) 1 Page - Tyco Electronics |
|
1 / 20 page ![]() 91 • Smaller size saves board space and cost • Many product choices give engineers more design flexibility • Compatible with high-volume electronics assembly • Assists in meeting regulatory requirements • Higher voltage ratings allow use in new applications • RoHS compliant • Halogen free (refers to: Br 900ppm, Cl 900ppm, Br+Cl 1500ppm) • Broadest range of resettable devices available in the industry • Current ratings from 0.05 to 3A • Voltage ratings from 6V computer and electronic applications to 60V telecom applications • Agency recognition: UL, CSA, TÜV • Small footprint • Fast time-to-trip • Low resistance • Computer • Portable electronics • Multimedia Benefits Features Applications • Game machines • Telephony and broadband • Mobile phones • Automotive • Industrial controls • Battery PolySwitch surface-mount devices are the preferred circuit protection method for computer, consumer, multimedia, portable, and automotive electronics applications. In an affort to reduce the size and cost of surface-mount devices, we introduced the miniSMD product series in 1995. Subsequently, we developed the microSMD, nanoSMD, picoSMD and femtoSMD family of products. The femtoSMD series reduced the device size to a 1608mm (0603 mils) footprint, one twelfth the size of the popular miniSMD series. Recent additions to the PolySwitch surface-mount series include 3.0A miniSMD 4532mm (1812 mils), 2.0A nanoSMD 3216mm (1206 mils) and 0.16A femtoSMD 1608mm (0603 mils) devices. PolySwitch Resettable Devices Surface-mount Devices 10 |
Numéro de pièce similaire - MINISMDC260F/12 |
|
Description similaire - MINISMDC260F/12 |